Part Number Hot Search : 
C34004 30402 E007249 V375B 2SK25031 BA130 00500 BAV201
Product Description
Full Text Search
 

To Download SMS24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMS03 thru SMS24 4 LINE UNIDIRECTIONAL TVSarray TM
SCOTTSDALE DIVISION
PRODUCT PREVIEW
DESCRIPTION This 6 pin 4 line unidirectional array is designed for use in applications where protection is required at the board level from voltage transients caused by electrostatic discharge (ESD) as defined by IEC 61000-4-2, electrical fast transients (EFT) per IEC 61000-4-4 and effects of secondary lighting. These arrays are used to protect 4 discrete lines utilizing pins (1,3,4,6) with a common anode (pins 2,5) configuration. The SMS03 thru SMS24 product provides board level protection from static electricity and other induced voltage surges that can damage sensitive circuitry. These Transient Voltage Suppressor (TVS) diode arrays protect 3.0/3.3 volt components such as DRAM's SRAM's CMOS, HCMOS, HSIC, and low voltage interfaces up to 24 volts. Because of the physical size, weight and protection capabilities, this product is ideal for use in but not limited to miniaturized electronic equipment such as hand held instruments, computers, computer peripherals and cell phones.
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
T V S arrayTM S E R I E S
W W W .Microsemi . COM
APPLICATIONS * * * EIA-RS232 data rates 19.6kbs EIA-RS422 data rates 10Mbs EIA-RS423 data rates 100kbs
FEATURES
* * * * Protects 3.0/3.3 up through 24 volt components Protects 4 unidirectional lines Provides electrically isolated protection SOT 23-6L Packaging * *
PACKAGING
Tape & Reel per EIA Standard 481 3,000 pieces per 7 inch reel
MAXIMUM RATING S
* * * * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Peak Pulse power 200 watts (8/20 s Figure 1) SOT 23-6L Packaging * * * *
MECHANICAL
Molded SOT23-6L Surface Mount Weight .014 grams (approximate) Body Marked with device number Part is symmetrical therefore pin one can be defined as either one of the four corner pins (for clarification see schematic on page 2)
ELECTRICAL CHARACTERISTICS PER LINE @ 25C Unless otherwise specified
STAND OFF VOLTAGE VWM VOLTS MAX SMS03 SMS05 SMS12 SMS15 SMS24 S3 S5 S12 S15 S24 3.3 5.0 12.0 15.0 24.0 BREAKDOWN VOLTAGE VBR @1 mA VOLTS MIN 4 6.0 13.3 16.7 26.7 CLAMPING VOLTAGE VC @ 1 Amp (FIGURE 2) VOLTS MAX 7.5 11 21 26 45 CLAMPING VOLTAGE VC @ 5 Amp (FIGURE 2) VOLTS MAX 11.5 14.5 27 33 56 * STANDBY CURRENT ID @ VWM A MAX 100 10 1 1 1 CAPACITANCE (f = 1 MHz) @ 0V C pF TYP 200 150 70 60 35 TEMPERATURE COEFFICIENT OF VBR aVBR mV/C MAX -3 3 10 13 30
PART NUMBER
DEVICE MARKING
SMS03 thru SMS24
* CLAMPING VOLTAGE @ 3.6 Amp s Note: Transient Voltage Suppressor (TVS) product is normally selected based on its stand off voltage VWM. Product selected voltage should be equal to or greater than the continuous peak operating voltage of the circuit to be protected.
Copyright (c) 2000 MSC1686.PDF 2-14-2001 REV C
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
SMS03 thru SMS24 4 LINE UNIDIRECTIONAL TVSarray TM
SCOTTSDALE DIVISION
PRODUCT PREVIEW
SYMBOLS & DEFINITIONS
W W W .Microsemi . COM
Symbol VWM VBR VC ID C
DEFINITION Rated stand off voltage: Maximum dc voltage that can be applied over the operating temperature range. Vwm must be selected to be equal or be greater than the operating voltage of the line to be protected Minimum Breakdown Voltage: The minimum voltage the device will exhibit at a specified current Clamping Voltage: Maximum clamping voltage across the TVS device when subjected to a given peak pulse current at a pulse time of 20 s. Standby Current: Leakage current at VWM. Capacitance: Capacitance of the TVS as defined @ 0 volts at a frequency of 1 MHz and stated in Pico Farads. GRAPHS
10
Ppp Peak Pulse Power (Kw)
8/20s 200W Pulse
1
.01
0.001 .1 1 10 100 1000
FIGURE 1 Peak Pulse Power Vs Pulse Time t=sec
PACKAGING AND SCHEMATIC
FIGURE 2 Pulse Wave Form
GRAPHS PACKAGE DATA
DIM A A1 A2 B C D E F G
DIMENSIONS MILLIMETERS MIN 2.70 0.00 1.00 0.35 0.10 1.50 1.70 2.60 0.20 1.10 0.40 0.15 1.60 1.90 2.80 NOM 2.90 MAX 3.10 0.10 1.30 0.50 0.25 1.80 2.10 3.00
DIMENSIONS INCHES MIN .106 .000 .039 .014 .004 .059 .067 .102 .008 .043 .016 .006 .063 .075 .110 NOM .114 MAX .127 .004 .051 .020 .010 .071 .083 .118
Copyright (c) 2000 MSC1686.PDF 2-14-2001 REV C
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2


▲Up To Search▲   

 
Price & Availability of SMS24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X